|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number:ENN6147A PNP/NPN Silicon Epitaxial Planar Transistors CPH3112/CPH3212 DC/DC Converter Applications Applications * Relay drivers, lamp drivers, motor drivers, and strobes. Package Dimensions unit:mm 2150A [CPH3112/3212] 2.9 0.4 3 0.6 Features * Adoption of MBIT processes. * High current capacitance. * Low collector-to-emitter saturation voltage. * Ultrasmall-sized package permitting applied sets to be made small and slim (0.9mm). * High allowable power dissipation. 0.05 1.6 2.8 1 1.9 2 0.2 0.6 ( ) : CPH3112 1 : Base 2 : Emitter 3 : Collector SANYO : CPH3 Specifications Absolute Maximum Ratings at Ta = 25C Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Base Current Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Mounted on a ceramic board (600mm2x0.8mm) Conditions 0.7 0.9 Ratings (-50)80 (-)50 (-)6 (-)5 (-)7 (-)1.2 0.9 150 -55 to +150 0.2 0.15 Unit V V V A A A W C C Electrical Characteristics at Ta = 25C Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance Symbol ICBO IEBO hFE fT Cob VCB=(-)40V, IE=0 VEB=(-)4V, IC=0 VCE=(-)2V, IC=(-)500mA VCE=(-)10V, IC=(-)500mA VCB=(-)10V, f=1MHz 200 (250) 330 (50)26 Conditions Ratings min typ max (-)0.1 (-)0.1 560 MHz MHz pF Unit A A Marking : CPH3112 : AM, CPH3212 : CM Continued on next page. Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 63003TS IM TA-4189/71299TS (KOTO) TA-1762 No.6147-1/5 CPH3112/CPH3212 Continued from preceding page. Parameter Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Turn-ON Time Storage Time Turn-OFF Time Symbol VCE(sat) VBE(sat) Conditions IC=(-)2A, IB=(-)40mA IC=(-)2A, IB=(-)40mA (-50) 80 (-)50 (-)6 (39)32 (225) 420 (25)28 Ratings min typ (-225) 100 (-)0.80 max (-450) 150 (-)1.2 Unit mV mV V V V V V ns ns ns ns V(BR)CBO IC=(-)10A, IE=0 V(BR)CEO IC=(-)1mA, RBE= V(BR)EBO ton tstg tf IC=(-)10A, IC=0 See specified test circuit. See specified test circuit. See specified test circuit. Switching Time Test Circuit PW=20s D.C.1% INPUT I B1 I B2 RB 50 VR + 100F + 470F 24 OUTPUT VBE=-5V VCC=12V 20IB1=-20IB2=IC=2.5A (For PNP, the polarity is reversed.) -5.0 I C - VCE CPH3112 5.0 I C - VCE CPH3212 A 0m Collector Current, IC - A Collector Current, IC - A -4.0 -40mA -50mA -60mA -70mA -80mA -90mA -100mA 40mA 30mA 20mA 10 4.0 -3.0 3.0 -30mA -20mA -2.0 10mA 2.0 -10mA -1.0 1.0 90mA 80mA 70mA 60mA 50mA IB=0 100 200 300 400 500 0 0 IB=0 -100 -200 -300 -400 -500 0 0 Collector-to-Emitter Voltage, VCE - mV -1.0 -0.9 Collector-to-Emitter Voltage, VCE - mV 1.0 0.9 I C - VBE CPH3112 VCE=-2V Collector Current, IC - A I C - VBE CPH3212 VCE=2V Collector Current, IC - A -0.8 0.8 Ta=75C Ta=75C -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0 0 -0.1 -0.2 -0.3 -0.4 -0.5 -25C 0.6 0.5 0.4 0.3 0.2 0.1 -0.6 -0.7 -0.8 -0.9 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 -25C 0.8 0.9 Base-to-Emitter Voltage, VBE - V 25C Base-to-Emitter Voltage, VBE - V 25C -0.7 0.7 No.6147-2/5 CPH3112/CPH3212 1000 7 5 3 2 hFE - I C CPH3112 VCE=-2V Ta=75C 25C -25C 1000 7 5 3 2 hFE - I C CPH3212 VCE=2V Ta=75C DC Current Gain, hFE DC Current Gain, hFE -25C 25C 100 7 5 3 2 100 7 5 3 2 10 -0.01 2 3 5 7 -0.1 2 3 5 7 -1.0 2 3 5 7 -10 10 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 Collector Current, IC - A 1000 7 Collector Current, IC - A CPH3112 VCE=-10V 1000 7 fT - IC fT - IC CPH3212 VCE=10V Gain-Bandwidth Product, f T - MHz Gain-Bandwidth Product, f T - MHz 5 3 2 5 3 2 100 7 5 3 2 100 7 5 3 2 10 -0.01 2 3 5 7 -0.1 2 3 5 7 -1.0 2 3 5 10 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 Collector Current, IC - A 1000 7 Collector Current, IC - A 1000 7 Cob - VCB CPH3112 f = 1MHz Cob - VCB CPH3212 f = 1MHz Output Capacitance, Cob - pF 3 2 Output Capacitance, Cob - pF 2 3 5 7 2 3 5 7 -100 5 5 3 2 100 7 5 3 2 100 7 5 3 2 10 -1.0 -10 10 1.0 2 3 5 7 10 2 3 5 7 100 Collector-to-Base Voltage, VCB - V -1000 Collector-to-Base Voltage, VCB - V 1000 VCE(sat) - IC Collector-to-Emitter Saturation Voltage, VCE(sat) - mV CPH3112 IC /IB =20 VCE(sat) - IC CPH3212 IC /IB =20 Collector-to-Emitter Saturation Voltage, VCE(sat) - mV 7 5 3 2 7 5 3 2 -100 7 5 3 2 100 7 5 3 2 Ta C 5 =7 C -25 C 25 C 75 C a= 5 T -2 -10 -0.01 2 3 5 7 -0.1 2 3 5 7 -1.0 2 3 5 7 -10 10 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 25 C 5 7 10 Collector Current, IC - A Collector Current, IC - A No.6147-3/5 CPH3112/CPH3212 2 VCE(sat) - IC Collector-to-Emitter Saturation Voltage, VCE(sat) - mV CPH3112 IC /IB =50 2 VCE(sat) - IC CPH3212 IC /IB =50 Collector-to-Emitter Saturation Voltage, VCE(sat) - mV -1000 7 5 3 2 -100 7 5 3 2 1000 7 5 3 2 100 7 5 3 2 Ta -25 =7 5C C 25 C 75 a= C T 25 C 5 -2 C -10 -0.01 2 3 5 7 -0.1 2 3 5 7 -1.0 2 3 5 7 -10 10 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 Collector Current, IC - A -10000 7 Collector Current, IC - A CPH3112 IC /IB =50 10000 7 VBE(sat) - IC VBE(sat) - IC CPH3212 IC /IB =50 Base-to-Emitter Saturation Voltage, VBE(sat) - mV 5 3 2 Base-to-Emitter Saturation Voltage, VBE(sat) - mV 5 3 2 -1000 7 5 3 2 Ta=-25C 75C 1000 7 5 3 2 Ta=-25C 75C 25C 25C -100 -0.01 2 3 5 7 -0.1 2 3 5 7 -1.0 2 3 5 7 -10 100 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 Collector Current, IC - A 2 10 7 5 Collector Current, IC - A 1.2 ASO ICP=7A IC=5A PC - Ta CPH3112/3212 Collector Current,IC - A 3 2 1.0 7 5 3 2 0.1 7 5 3 2 10 DC op 10 ms 0m s Collector Dissipation, PC - W 1.0 0.9 0.8 10 0 s 50 s 0 era M ou nte d 1m s tio n 0.6 0.4 0.01 0.1 CPH3112/3212 Ta=25C Single pulse For PNP, minus sign is omitted. Mounted on ceramic board(600mm2x0.8mm) 2 3 5 7 1.0 2 3 5 7 10 2 3 5 7 100 on cer am ic bo ard (60 0m m 2 x0 .8m 0.2 m) 0 0 20 40 60 80 100 120 140 160 Collector-to-Emitter Voltage, VCE - V Ambient Temperature,Ta - C No.6147-4/5 CPH3112/CPH3212 Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of June, 2003. Specifications and information herein are subject to change without notice. PS No.6147-5/5 |
Price & Availability of CPH3112 |